PART |
Description |
Maker |
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
XPC604ERX200PD XPC604ERX180PD |
32-Bit Microprocessor(32浣?井澶???? PowerPC 604e? RISC Microprocessor Family: 32-Bit Microprocessor(32位微处理 32位微处理器(32位微处理器)
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MPC8543VUANG MPC8543VUANGA MPC8543VUANGB MPC8548VT |
32-BIT, 800 MHz, MICROPROCESSOR, CBGA783 29 X 29 MM, 1 MM PITCH, FLIP CHIP, LEAD FREE, CERAMIC, BGA-783 32-BIT, 1000 MHz, MICROPROCESSOR, PBGA783 32-BIT, 1000 MHz, MICROPROCESSOR, CBGA783
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
UPD70108GC-8-3B6 UPD70108C-5 UPD70108C8 UPD70108LG |
TV 6C 6#8(TWINAX) SKT RECP 16-/8- Bit Microprocessor 16-Bit Microprocessor 16位微处理 TV 27C 19#20 4#16 4#12 PIN REC 16-/8-位微处理
|
NEC Corp. NEC, Corp.
|
TS68020MF1B/C20 TS68020MFB/C20 TS68020MR1B/C20 TS6 |
HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CPGA114 MB 41C 27#20 14#16 SKT RECP 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132 CAP 33PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 STANDOFF CAP 68PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 T1/E1 Transformer HCMOS 32-bit Virtual Memory Microprocessor
|
http:// Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AD767SD/883B AD767 |
Microprocessor-Compatible 12-Bit D/A Converter SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Microprocessor-Compatible 12-Bit D/A Converter(12位μP兼容DAC)
|
Analog Devices, Inc.
|
20736 AM486DX AM486DX5-133V16BGC AM486DX2-66V16BHC |
Enhanced Am486DX Family Data Sheet 1.87MB (PDF) Am486DX Block Diagram 32-BIT, 133 MHz, MICROPROCESSOR, CPGA168 32-BIT, 66 MHz, MICROPROCESSOR, PQFP208
|
Advanced Micro Devices ADVANCED MICRO DEVICES INC
|
ADC0802 ADC0802LCD ADC0802LD ADC0803LCWM ADC0803LD |
From old datasheet system 8-Bit, Microprocessor-August Compatible, A/D Converters 8-Bit, Microprocessor- Compatible, A/D Converters 8-Bit/ Microprocessor- Compatible/ A/D Converters
|
http:// INTERSIL[Intersil Corporation]
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
80C286 CG80C286-12 CG80C286-16 CG80C286-20 IG80C28 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 ADAPT F FMALE-PUSH 0N MALE 75OHM From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL8068 ICL8068ACDD ICL8068CDD ICL8052 ICL8052ACDD |
14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter 14-Bit/16-Bit, Microprocessor-Compatible,2-Chip, A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|